Part Number Hot Search : 
NSG163P GCJ31 XSXR2 AK5365 SIM548 00002 HT12B MA147
Product Description
Full Text Search
 

To Download IP3254CZ12-6-TTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description the ip3253/ip3254-ttl family consists of 4-, 6- and 8-channel lc low-pass filter arrays designed to filter unwanted rf signals on th e i/o ports of portable communication and computing devices. in addition, the ip3253/ip 3254-ttl family incorporates diodes which protect downstream components from electrostatic discharge (esd) voltages up to 15 kv. these devices are f abricated using monolithic silicon technology integrating up to 8 inductors and 16 diodes in a 0.4 mm pitch 8-, 12- or 16-pin ultra-thin leadless quad flat no-leads (qfn) plastic package. 1.2 features and benefits ? pb-free, restriction of hazardous substanc es (rohs) compliant and free of halogen and antimony (dark green compliant) ? 4-, 6- and 8-channel integrated -type lc filter network ? esd protection to 15 kv contact discharge according to iec 61000-4-2, level 4 ? esd protection to 30 kv contact discharge according to mil-std-883 (method 3015) human body model (hbm) ? qfn plastic package with 0. 4 mm pitch and 0.5 mm height 1.3 applications ? general-purpose electromagnetic in terference (emi), radio-frequency interference (rfi) filtering and downstream esd protection for: ? cellular phone and personal communication system (pcs) mobile handsets ? cordless telephones ? wireless data (wan/lan) systems ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network with high-level esd protection rev. 1 ? 5 may 2011 product data sheet
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 2 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network 2. pinning information table 1. pinning pin description simplified outline graphic symbol ip3253cz8-4-ttl; ip3254cz8-4-ttl (sot1166-1) 1 and 8 filter channel 1 2 and 7 filter channel 2 3 and 6 filter channel 3 4 and 5 filter channel 4 ground pad ground ip3253cz12-6-ttl; IP3254CZ12-6-TTL (sot1167-1) 1 and 12 filter channel 1 2 and 11 filter channel 2 3 and 10 filter channel 3 4 and 9 filter channel 4 5 and 8 filter channel 5 6 and 7 filter channel 6 ground pad ground ip3253cz16-8-ttl; ip3254cz16-8-ttl (sot1168-1) 1 and 16 filter channel 1 2 and 15 filter channel 2 3 and 14 filter channel 3 4 and 13 filter channel 4 5 and 12 filter channel 5 6 and 11 filter channel 6 7 and 10 filter channel 7 8 and 9 filter channel 8 ground pad ground transparent top view 8 1 5 4 001aaj74 5 l s(ch) 5, 6, 7, 8 1, 2, 3, 4 gnd transparent top view 12 1 7 6 001aaj746 l s(ch) 7, 8, 9, 10, 11, 12 1, 2, 3, 4, 5, 6 gnd transparent top view 16 1 9 8 001aaj747 l s(ch) 9, 10, 11, 12, 13, 14, 15, 16 1, 2, 3, 4, 5, 6, 7, 8 gnd
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 3 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network 3. ordering information 4. limiting values [1] device tested with 1000 pulses of 15 kv contact discharges, acco rding to the iec 61000-4-2 model, far exceeding iec 61000-4-2 level 4 (8 kv contact discharge). table 2. ordering information type number package name description version ip3253cz8-4-ttl huson8 plastic, thermal enhanced ultra thin small outline package; no leads; 8 terminals; body 1.35 1.7 0.55 mm sot1166-1 ip3253cz12-6-ttl huson12 plastic, thermal enhanced ultra thin small outline package; no leads; 12 terminals; body 1.35 2.5 0.55 mm sot1167-1 ip3253cz16-8-ttl huson16 plastic, thermal enhanced ultra thin small outline package; no leads; 16 terminals; body 1.35 3.3 0.55 mm sot1168-1 ip3254cz8-4-ttl huson8 plastic, thermal enhanced ultra thin small outline package; no leads; 8 terminals; body 1.35 1.7 0.55 mm sot1166-1 IP3254CZ12-6-TTL huson12 plastic, thermal enhanced ultra thin small outline package; no leads; 12 terminals; body 1.35 2.5 0.55 mm sot1167-1 ip3254cz16-8-ttl huson16 plastic, thermal enhanced ultra thin small outline package; no leads; 16 terminals; body 1.35 3.3 0.55 mm sot1168-1 table 3. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +5.6 v v esd electrostatic discharge voltage all pins to ground; contact discharge hbm; mil-std-883, method 3015 - 30 kv iec 61000-4-2, level 4 [1] - 15 kv i ch channel current (dc) t amb =85 c-30ma p ch channel power dissipation - 10 mw p tot /pack total power dissipation per package t amb =85 c - 500 mw t stg storage temperature ? 65 +150 c t amb ambient temperature ? 40 +85 c
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 4 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network 5. characteristics [1] guaranteed by design. [1] measured at 6 db attenuation. table 4. channel characteristics t amb =25 c unless otherwise specified. symbol parameter conditions min typ max unit l s(ch) channel series inductance - 18 - nh c ch channel capacitance for the total channel; f i = 100 khz [1] ip3253czx-y-ttl v bias(dc) = 2.5 v 20 25 28.2 pf v bias(dc) =0v 344348pf ip3254czx-y-ttl v bias(dc) =2.5v 253340pf v bias(dc) =0v 385060pf i lr reverse leakage current per channel; v i = 3.5 v - - 0.1 a v br breakdown voltage positive clamp; i i = 1 ma 5.8 - 10 v v f forward voltage negative clamp; i f = ? 1ma ? 1.5 - ? 0.4 v r (ch-ch) resistance between channels v i =3.5v 10--m r s(ch) channel series resistance - 8 - table 5. frequency characteristics t amb =25 c unless otherwise specified. symbol parameter conditions min typ max unit il insertion loss r source =50 ; r l =50 ; 1ghz ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 5 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network 6. application information 6.1 insertion loss the devices are specifically designed as em i/rfi filters for multichannel interfaces. the block schematic for measuring insertion loss in a 50 system is shown in figure 1 . an example of the measurement curv es for all channels is shown in figure 2 . test printed-circuit board (pcb) utilizes lase r-drilled micro-via holes which connect the ground plane to the device ground pins. fig 1. frequency response setup 018aaa016 50 v gen 50 dut out in test board (1) channel 1 (pin 1 to pin 8) (2) channel 4 (pin 4 to pin 5) (1) channel 3 (pin 3 to pin 6) (2) channel 2 (pin 2 to pin 7) fig 2. ip3253cz8-4-ttl measured insertion loss magnitudes 001aak301 ? 30 ? 20 ? 40 ? 10 0 s 21 (db) ? 50 f (mhz) 110 4 10 3 10 10 2 (1) (2) 001aak302 ? 30 ? 20 ? 40 ? 10 0 s 21 (db) ? 50 f (mhz) 110 4 10 3 10 10 2 (1) (2)
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 6 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network (1) channel 1 (pin 1 to pin 8) (2) channel 4 (pin 4 to pin 5) (1) channel 3 (pin 3 to pin 6) (2) channel 2 (pin 2 to pin 7) fig 3. ip3254cz8-4-ttl measured insertion loss magnitudes 001aal112 ? 30 ? 20 ? 40 ? 10 0 s 21 (db) ? 50 f (mhz) 110 4 10 3 10 10 2 (1) (2) 001aal389 ? 30 ? 20 ? 40 ? 10 0 s 21 (db) ? 50 f (mhz) 110 4 10 3 10 10 2 (1) (2)
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 7 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network 7. package outline fig 4. package outline sot1166-1 (huson8) references outline version european projection issue date iec jedec jeita sot1166-1 - - - - - - - - - sot1166-1_po 10-03-18 10-03-22 unit (1) mm max nom min 0.55 0.05 0.00 0.25 0.20 0.15 1.8 1.7 1.6 1.3 1.2 1.1 1.45 1.35 1.25 0.4 1.2 0.30 0.25 0.20 0.05 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. h uson8: plastic, thermal enhanced ultra thin small outline package; no leads; 8 terminals; body 1.35 x 1.7 x 0.55 mm sot1166- 1 a 1 c 0.127 bdd h ee h 0.45 0.40 0.35 ee 1 k 0.2 lv 0.1 w 0.05 y 0.05 y 1 0 1 2 mm scale x c y c y 1 tiebars are indicated on arbitrary location and size detail x a a 1 c terminal 1 index area b a d e b terminal 1 index area e 1 e a c b v c w l k e h d h 1 8 4 5
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 8 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network fig 5. package outline sot1167-1 (huson12) references outline version european projection issue date iec jedec jeita sot1167-1 - - - - - - - - - sot1167-1_po 10-03-18 10-03-22 unit (1) mm max nom min 0.55 0.05 0.00 0.25 0.20 0.15 2.6 2.5 2.4 2.1 2.0 1.9 1.45 1.35 1.25 0.4 2.0 0.30 0.25 0.20 0.05 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. h uson12: plastic, thermal enhanced ultra thin small outline package; no leads; 1 2 terminals; body 1.35 x 2.5 x 0.55 mm sot1167- 1 a 1 c 0.127 bdd h ee h 0.45 0.40 0.35 ee 1 k 0.2 lv 0.1 w 0.05 y 0.05 y 1 0 1 2 mm scale x c y c y 1 tiebars are indicated on arbitrary location and size detail x a a 1 c terminal 1 index area b a d e b terminal 1 index area e 1 e a c b v c w l k e h d h 1 12 6 7
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 9 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network fig 6. package outline sot1168-1 (huson16) references outline version european projection issue date iec jedec jeita sot1168-1 - - - - - - - - - sot1168-1_po 10-03-18 10-03-22 unit (1) mm max nom min 0.55 0.05 0.00 0.25 0.20 0.15 3.4 3.3 3.2 2.9 2.8 2.7 1.45 1.35 1.25 0.4 2.8 0.30 0.25 0.20 0.05 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. h uson16: plastic, thermal enhanced ultra thin small outline package; no leads; 1 6 terminals; body 1.35 x 3.3 x 0.55 mm sot1168- 1 a 1 c 0.127 bdd h ee h 0.45 0.40 0.35 ee 1 k 0.2 lv 0.1 w 0.05 y 0.05 y 1 0 1 2 mm scale x c y c y 1 tiebars are indicated on arbitrary location and size detail x a a 1 c terminal 1 index area b a d e b terminal 1 index area e 1 e a c b v c w l k e h d h 1 16 8 9
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 10 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network 8. revision history table 6. revision history document id release date data sheet status change notice supersedes ip3253_ip3254-ttl v.1 20110505 product data sheet - -
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 11 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network 9. legal information 9.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 9.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 9.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
ip3253_ip3254-ttl all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved . product data sheet rev. 1 ? 5 may 2011 12 of 13 nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 9.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 10. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors ip3253/ip3254-ttl integrated 4-, 6- and 8-channel passive emi-filter network ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 5 may 2011 document identifier: ip3253_ip3254-ttl please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 11. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 3 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 5 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 application information. . . . . . . . . . . . . . . . . . . 5 6.1 insertion loss . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 9 legal information. . . . . . . . . . . . . . . . . . . . . . . 11 9.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 11 9.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 12 10 contact information. . . . . . . . . . . . . . . . . . . . . 12 11 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of IP3254CZ12-6-TTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X